Part Number Hot Search : 
74LS157N MBR862 TLP718 0140A4 RT31402 BZX84C5 IR15XB08 TODV1225
Product Description
Full Text Search
 

To Download H1N5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6716 Issued Date : 1996.02.01 Revised Date : 2002.02.18 Page No. : 1/3
H2584
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The H2584 is designed for use in low voltage and low dropout regulator applications.
Absolute Maximum Ratings
TO-220
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ...................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 65 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ -20 V VCEO Collector to Emitter Voltage..................................................................................... -15 V VEBO Emitter to Base Voltage............................................................................................. -5 V IC Collector Current ........................................................................................................... -10 A
Characteristics (Ta=25C)
Symbol *BVCEO ICBO ICEO IEBO *VCE(sat) VBE(on) *hFE1 *hFE2 Min. -15 2 1 Typ. 15 Max. -10 -20 -2 -1.5 -2 60 60 Unit V uA uA mA V V K K Test Conditions IC=-100mA VCB=-20V VCE=-15V VEB=-5V IC=-10A, IB=-10mA IC=-5A, VCE=-1.7V IC=-500mA, VCE=-1.7V IC=-10A, VCE=-1.7V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
H2584
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100000 10000
Spec. No. : HE6716 Issued Date : 1996.02.01 Revised Date : 2002.02.18 Page No. : 2/3
Saturation Voltage & Collector Current
10000
Saturation Voltage (mV)
75 C 125 C 1000 25 C
o o
o
1000
hFE
125 C 75 C
o
o
100 25 C 10 hFE @ VCE=1.7V 1 1 10 100 1000 10000
o
VCE(sat) @ IC=1000IB
100 1000
10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VBE(ON) @ VCE=1.7V 10.00
Switching Time & Collector Current
VCC=25V, IC=250IB1=-250IB2
Switching Times (us).. .
Tstg 1.00 Tf Ton 0.10
ON Voltage (mV)
25 C 1000
o
o
75 C 125 C
o
100 1 10 100 1000 10000
0.01 1 10
Collector Current-IC (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000 100000
Safe Operating Area
10000
Collector Current-IC (mA)
PT=1ms PT=100ms PT=1s
Capacitance (pF)
1000
100
Cob
100
10
10 0.1 1 10 100
1 1 10 100
Reverse-Biased Voltage (V)
Forward Voltage (V)
H2584
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C
HSMC Logo Part Number Date Code
Spec. No. : HE6716 Issued Date : 1996.02.01 Revised Date : 2002.02.18 Page No. : 3/3
Product Series Rank
H I G 4 P M 3 2 1 N K
Style: Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code: E *: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H2584
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H1N5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X